Part Number Hot Search : 
FMC8240P PTD3216 O2155A JAN7812T 2R000 MAX11600 PT7C4337 7024NAA1
Product Description
Full Text Search
 

To Download 809-198 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  x-63 series 804 push-pull mighty mouse protective plug cover 809-198 ordering information how to order sample part number 809-198 m 9 h 6 -14 a series (see table i) 809-198 = receptacle cover shell material / finish c = aluminum / black anodize (non-conductive) rohs compliant m = aluminum / electroless nickel rohs compliant nf = aluminum / cadmium with olive drab chromate zn = aluminum / zinc-nickel with olive drab chromate znu = aluminum / zinc-nickel with black chromate mt = aluminum / nickel-ptfe rohs compliant z1 = stainless steel / passivated rohs compliant shell size 5, 6, 7, 8, 9, 10, 11, 12, 14, 15 attachment type d = bead chain, cres, passivate f = wire rope, nylon jacket g = nylon rope h = sst wire rope, tefon? jacket n = no attachment r = wire rope, pvc jacket s = sst sash chain sk = nylon rope with slip knot t = sst wire rope, no jacket u = sst wire rope, polyurethane jacket sst = stainless steel attachment length (inches) omit for attachment type n (no attachment) example: -6 equals six inch length attachment code (see table ii) small ring = 01 thru 06 large ring = 14 thru 33 split ring = 50 thru 68 alternate key position omit for master keyway only, for all other positions indicate a, b, c, d, e, or f table i: cover style 809-198 push-pull plug cover table ii: attachment code omit for attachment type n (no attachment) and sk (slip knot) small ring -01 C .126 (3.20) i.d. -02 C .145 (3.68) i.d. -04 C .188 (4.78) i.d. -06 C .197 (5.00) i.d. solid ring -32 C .265 (6.73) -29 C .315 (8.00) -14 C .385 (9.78) -33 C .510 (12.95) -15 C .445 (11.30) -16 C .570 (14.48) -17 C .635 (16.13) -18 C .695 (17.65) -27 C .766 (19.46) -26 C .950 (24.13) -31 C .820 (20.83) -28 C 1.015 (25.78) -20 C 1.070 (27.18) -21 C 1.135 (28.83) split ring -50 C .420 (10.67) i.d. -52 C .480 (12.19) i.d. -54 C .635 (16.13) i.d. -56 C .745 (18.92) i.d. -58 C .885 (22.48) i.d. -60 C 1.010 (25.65) i.d. -64 C 1.125 (28.58) i.d. -68 C 1.345 (34.16) i.d. protect connectors from damage machined aluminum covers prevent ingress of contamination and water. stainless steel fittings and rings choose small diameter eye fttings for panel attachment. larger rings ft under the jam nut or over cable jackets. split rings can be installed on fully assembled cables. polyurethane-coated sst wire rope ofers high strength, excellent abrasion resistance and good fexibility. or, choose tefon ? jacket for high temperature exposure. braided nylon rope provides excellent fexibility and good abrasion resistance, and can be ordered with slip knot fttings for easy installation on any size cable. accessories www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2014 glenair, inc. series 80 mighty mouse u.s. cage code 06324 printed in u.s.a. dimensions in inches (millimeters) are subject to change without notice. x


▲Up To Search▲   

 
Price & Availability of 809-198

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X